PART |
Description |
Maker |
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
2N6504G 2N650406 2N6667G 2N666705 2N6509TG 2N6504 |
Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS Darlington Silicon Power Transistors PNP SILICON DARLINGTON POWER TRANSISTORS 10 A, 60?80 V, 65 W
|
ONSEMI[ON Semiconductor]
|
MJW3281AG MJW3281A10 MJW1302AG |
Complementary NPN-PNP Silicon Power Bipolar Transistors 15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS 15 A, 230 V, NPN, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Silicon Power Bipolar Transistors
|
ON Semiconductor
|
2N4920 2N4919 2N4918 2N491-D |
Medium-Power Plastic PNP Silicon Transistors GENERAL.PURPOSE POWER TRANSISTORS
|
ONSEMI[ON Semiconductor]
|
BDP952 BDP954 BDP956 |
General Purpose Transistors - SOT223 package PNP Silicon AF Power Transistors
|
INFINEON[Infineon Technologies AG]
|
BD242 BD242C BD242A BD242B |
3 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220 PNP SILICON POWER TRANSISTORS
|
Power Innovations International, Inc. POINN[Power Innovations Ltd] Power Innovations Limited
|
ZTX750 ZTX751 ZTX751STOA |
Transient Voltage Suppressor Diodes 2000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
MJ3281A NH1302A |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS COMEPLEMENTARY NPN-PNP SILICON POWER BOPOLAR TRANSISTOR
|
Motorola Inc MOTOROLA[Motorola, Inc]
|
DTA143EM3T5G |
Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
2SA959 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
MJE15029 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
2SB532 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|